Part Number Hot Search : 
MM5Z13H 2SK2883 226M8 93L422 C1213C MSMLG17A 24D12 MJE12007
Product Description
Full Text Search
 

To Download B25667S4427J375 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Capacitors for Power Electronics
Series/Type:
B25667S
The following products presented in this data sheet are being withdrawn. Ordering Code B25667S4427J375 Substitute Product Date of Withdrawal 2004-09-10 Deadline Last Orders Last Shipments
For further information please contact your nearest EPCOS sales office, which will also support you in selecting a suitable substitute. The addresses of our worldwide sales network are presented at www.epcos.com/sales.
PhaseCap TM B25667-S4427-J375 MKK480-D-31-01
Characteristics CN Tol. Connection UN fN QN IN tano
not be considered as assured characteristics. This edition replaces the previous one. The information in our data book / sheet describes the type of component and shall
3 x 143 F +/-5 % D (Delta) 480 Vac 50 31 37 0.2 Hz kVAr A W/kVAr
Maximum ratings U MAX (up to 8h daily) U MAX (up to 1 min) I MAX IS
530 Vac 620 Vac 1.3 x IN A 200 x IN A
Test data UTT UTC tan (50 Hz) <
1050 Vac 50Hz 10s 3000 Vac 50Hz 10s 0,6 W/kVAr
Climatic category -40/B Tmin Tmax + humidity max.altitude
40 C
45 C av. rel. < 95 % 4000 m Design data Dimensions ( x l): Approximated Weight: Impregnation: Fixing: Mounting hole: Max.Torque (Al can stud): Terminals: Max.Torque (Terminals): Terminal cross section: Maximum terminal current: 142 x 200 mm 2,4 Kg Dry, Inert Gas Threaded bolt M12 14 Nm 10 Nm Isolated terminal, IP20 1.2 Nm 16mm2 (5 AWG) 75 A
Mean life expectancy tLD up to 50000 h 5000 switchings per year according to IEC831
Reference Standards IEC 60831-1/2, EN 60831-1/2 VDE 560-46/47
Remarks Natural cooling Only for the following application: detuned system 400V nominal voltage and 14% detuning factor
12.7 mm Creepage distance: 9.6 mm Clearance: Overpressure disconnector: (AFC: 10kA) Any mounting position possible
Distributed by: EPCOS AG FK PFC R&D - Edition:2 - Va 25/08/04 Contact to: EPCOS AG FK PM PFC, P.O. Box 801709, 81617 Munich, Germany, Fax: 004989636-22748, Phone: 004989636-23817


▲Up To Search▲   

 
Price & Availability of B25667S4427J375

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X